PART |
Description |
Maker |
FRA025-120 FRA020-120 FRA375-120 FRA-010-120 FRA01 |
Radial Leaded PTC FRA Series
|
DBLECTRO[DB Lectro Inc]
|
74F38 N74F38N I74F38D I74F38N N74F38D I74F38N602 |
Quad 2-input NAND buffer (open collector) - Description: 2-Input NAND Buffer (Open Collector) ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: 64 mA ; Propagation delay: 10 ns; Voltage: 4.5-5.5 V; Package: Always Pb-free Quad 2-input NAND buffer open collector
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74979-1002 74979-9006 |
HSD BACKPLANE 6R 10 COL OPEN END ASSY 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HSD BACKPLANE 6R 10C OPEN 50 SAu Pb free
|
MOLEX INC
|
C0805F103K1RACTU |
Ceramic, Open Mode, OpenMode-(CxxxxF), 0.01 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, Open Mode, Temperature Stable
|
Kemet Corporation
|
74HC3G06DP 74HC3G06DC 74HC3G06GD 74HCT3G06GD 74HCT |
Triple inverter with open-drain outputs 3个漏极开路输出的反相 Triple inverter with open-drain outputs, SOT505-2 (TSSOP8), Reel Pack, Reverse
|
NXP Semiconductors N.V.
|
74LS01 HD74LS01 |
Quad. 2-input NAND Gates with Open Collector output Quadruple 2-input Positive NAND Gates(with Open Collector Outputs) STANDARD GAIN HORN; WAVEGUIDE SIZE: WR102; FREQUENCY RANGE: 7.00-11.00; GAIN: 15 dB 输入正与非门(与集电极开路输出)
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
N74F621D N74F621N 74F621 74F621_2 |
From old datasheet system Octal bus transceiver, non-inverting open collector Octal bus transceiver, non-inverting (open collector)(八通道总线收发器,同向(集电极开路)) Octal bus transceiver / non-inverting open collector
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
HD74LS03 74LS03 |
Quadruple 2-input Positive NAND Gates(with Open Colletor Outputs) Quad. 2-input NAND Gates with Open Collector output
|
HITACHI[Hitachi Semiconductor]
|
PDTA144TEF PDTA144TM |
PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
IDS-3117R-35SXA1E IDS-3117EN-38SXA1E IDS-3117N-35S |
17 SXGA Industrial Open Frame Monitor 15 XGA Industrial Open Frame Monitor
|
Advantech Co., Ltd.
|